| データシートサーチシステム |
|
MF-FSMF035X-2 データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-FSMF035X-2 データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() N(HUB DIA.) (MEASURED AT HUB) A T B D W2 (MEASURED AT HUB) W1 P00 1 0 0 0 10 P P2 P1 A E F W MF-FSMF Series Tape and Reel Specifications Product Dimensions MF-FSMF010X MF-FSMF020X, MF-FSMF035X MF-FSMF050X Tape Dimensions per EIA 481-1 per EIA 481-1 per EIA 481-1 W 8.0 ± 0.1 8.0 ± 0.1 8.0 ± 0.1 (0.315 ± 0.004) (0.315 ± 0.004) (0.315 ± 0.004) P0 4.0 ± 0.1 4.0 ± 0.1 4.0 ± 0.1 (0.157 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) P1 4.0 ± 0.05 4.0 ± 0.05 4.0 ± 0.05 (0.157 ± 0.002) (0.157 ± 0.002) (0.157 ± 0.002) P2 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.05 (0.079 ± 0.002) (0.079 ± 0.002) (0.079 ± 0.002) A0 1.17 ± 0.05 1.17 ± 0.05 1.17 ± 0.05 (0.046 ± 0.002) (0.046 ± 0.002) (0.046 ± 0.002) B0 2.02 ± 0.05 2.02 ± 0.05 2.02 ± 0.05 (0.079 ± 0.002) (0.079 ± 0.002) (0.079 ± 0.002) D0 1.55 ± 0.05 1.55 ± 0.05 1.55 ± 0.05 (0.061 ± 0.002) (0.061 ± 0.002) (0.061 ± 0.002) F 3.5 ± 0.05 3.5 ± 0.05 3.5 ± 0.05 (0.138 + 0.002) (0.138 + 0.002) (0.138 + 0.002) E1 1.75 ± 0.1 1.75 ± 0.1 1.75 ± 0.1 (0.069 ± 0.004) (0.069 ± 0.004) (0.069 ± 0.004) T 0.75 ± 0.05 0.60 ± 0.05 0.95 ± 0.05 (0.030 ± 0.002) (0.024 ± 0.002) (0.037 ± 0.002) 10 P0 40.0 ± 0.1 40.0 ± 0.1 40.0 ± 0.1 (1.575 ± 0.004) (1.575 ± 0.004) (1.575 ± 0.004) Reel Dimensions A max. 185 185 185 (7.283) (7.283) (7.283) N min. 50 50 50 (1.97) (1.97) (1.97) W1 8.4 + 1.5/ -0.0 8.4 + 1.5/ -0.0 8.4 + 1.5/ -0.0 (0.331 + 0.059/-0) (0.331 + 0.059/-0) (0.331 + 0.059/-0) W2 max. 14.4 14.4 14.4 (0.567) (0.567) (0.567) DIMENSIONS: MM (INCHES) Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |