データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QL65I7SA データシート(PDF) 2 Page - Roithner LaserTechnik GmbH

部品番号 QL65I7SA
部品情報  Red Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL65I7SA データシート(HTML) 2 Page - Roithner LaserTechnik GmbH

  QL65I7SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL65I7SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL65I7SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
16.02.2011
QL65I7SA
2 of 3
Package Dimensons
5.6 mm Package (Unit:mm)
Safety of Laser light
• Laser Light can damage the human eyes and skin. Do not expose the
eye or skin directly to any laser light and/or through optical lens. When
handling the LDs, wear appropriate safety glasses to prevent laser
light, even any reflections from entering to the eye. Focused laser
beam through optical instruments will increase the chance of eye
hazard.
Cautions
1. Operating methode
• This LD shall change its forward voltage requirement and optical ouput power according to
temperature change. Also, the LD will require more operation current to maintain same ouput
power as it degrades. In order to maintain output power, use of APC (Automatic Power
Control) is recommended. Which use monitor feedback to adjust the operation current.
• Confirm that electrical spike current generated by switching on and off does not exceed the
maximum operating current level specified herein above as absolute maximum rating. Also,
employ appropriat countermeasures to reduce chattering and/or overshooting in the circuit.



Html Pages

1 2 3