| データシートサーチシステム |
|
MS3100C18-3SW データシート(PDF) 27 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS3100C18-3SW データシート(HTML) 27 Page - Amphenol Corporation |
|
27 / 73 page ![]() 26 front face of pin insert or rear face of socket insert illustrated MS/Standard contact arrangements Insert Arrangement 8S-1 10S-2 10SL-3 10SL-4 12S-3 12S-4 12-5 Service Rating A A AAADD Number of Contacts 1 1 32211 Contact Size 16 16 16 16 16 16 12 Insert Arrangement 14S-1 14S-2 14S-4 14S-5 14S-6 14S-7 14S-9 Service Rating A Inst. D Inst. Inst. A A Number of Contacts 3 41 56 32 Contact Size 16 16 16 16 16 16 16 Insert Arrangement 14S-10 14S-12 14-3 16S-1 16S-3 16S-4 Service Rating Inst. AAAB D Number of Contacts 4 3171 2 Contact Size 16 16 8 16 16 16 Insert Arrangement 16S-5 16S-6 16S-8 16-2 16-7 16-9 Service Rating AA A E AA Number of Contacts 3 3 5 1 1 2 2 2 Contact Size 16 16 16 12 8 16 12 16 CONTACT LEGEND 16 12 8 4 0 Front of Socket Insert Front of Socket Insert 100 ° Rotation of 14S-2 100 ° Rotation of 14S-7 A B C A B BA A B C D A B C D E F A B C D E A B C A B 100˚ A B C D 100˚ A B C A B C D E F G A B A B C A B C A B C D E A B C A B C D A B C |