| データシートサーチシステム |
|
CS3101A18-3SW データシート(PDF) 31 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101A18-3SW データシート(HTML) 31 Page - Amphenol Corporation |
|
31 / 73 page ![]() 30 front face of pin insert or rear face of socket insert illustrated MS/Standard contact arrangements Insert Arrangement 22-9 22-10 22-11 22-12 22-13 Service Rating E E B D E = D; A, B, C, D = A Number of Contacts 3 4 2 2 3 4 1 Contact Size 12 16 16 8 16 12 16 Insert Arrangement 22-14 22-15 22-16 22-17 22-18 Service Rating A D = E; A, B, C, E, F = A A A = D; Bal. = A A, B, F, G, H = D; C, D, E = A Number of Contacts 19 5 1 3 6 1 8 8 Contact Size 16 12 16 12 16 12 16 16 Insert Arrangement 22-19 22-20 22-21 22-22 22-23 Service Rating A A A A H = D; Bal. = A Number of Contacts 14 9 1 2 4 8 Contact Size 16 16 0 16 8 12 CONTACT LEGEND 16 12 8 4 0 A B C A B C D A B A B C D E A B C D E A B C D E F G H J K L M N U V R S TP A B E F C D A B C D E F GH J A B C D E F G H J A B C D E F G H A B C D E F G H J K L M N P A B C D E F GH J A B C A B C D A B C D E F G H |