データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS3102E18-3SW データシート(PDF) 23 Page - Amphenol Corporation

部品番号 CS3102E18-3SW
部品情報  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102E18-3SW データシート(HTML) 23 Page - Amphenol Corporation

Back Button CS3102E18-3SW Datasheet HTML 19Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 20Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 21Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 22Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 23Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 24Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 25Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 26Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 27Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
22
MS/Standard
insert arrangements
Insert
Arrangement
Service
Rating
Total
Contacts
Contact Size
0
4
8
12
16
8S-1
A
1
1
10S-2
A
1
1
10SL-3
A
3
3
10SL-4†
A
2
2
12S-3
A
2
2
12S-4
D
1
1
12-5
D
1
1
14S-1
A
3
3
14S-2
Inst.
4
4
14S-4
D
1
1
14S-5
Inst.
5
5
14S-6
Inst.
6
6
14S-7
A
3
3
14S-9
A
2
2
14S-10
Inst.
4
4
14S-12
A
3
3
14-3
A
1
1
16S-1
A
7
7
16S-3
B
1
1
16S-4
D
2
2
16S-5
A
3
3
16S-6
A
3
3
16S-8
A
5
5
16-2
E
1
1
16-7
A
3
1
2
16-9
A
4
2
2
16-10
A
3
3
16-11
A
2
2
16-12
A
1
1
16-13
A
2
2
18-1
A/Inst.
10
10
18-3
D
2
2
18-4
D
4
4
18-5
D
3
2
1
18-6
D
1
1
18-7
B
1
1
18-8
A
8
1
7
18-9
Inst.
7
2
5
18-10
A
4
4
18-11
A
5
5
18-12
A
6
6
18-13
A
4
1
3
18-14
A
2
1
1
18-15
A
4
4
18-16
C
1
1
18-17
Inst.
7
2
5
18-19
A
10
10
18-20
A
5
5
18-22
D
3
3
18-24
A/Inst.
10
10
18-29
A
5
5
18-30
A
5
5
† 10SL-4 arrangement available only with pin contacts in receptacle and socket
contacts in plug
18-31
A
5
5
20-2
D
1
1
20-3
D
3
3
20-4
D
4
4
20-6
D
3
3
20-7
D/A
8
8
20-8
Inst.
6
2
4
20-9
D/A
8
1
7
20-11
Inst.
13
13
20-12
A
2
1
1
20-14
A
5
2
3
20-15
A
7
7
20-16
A
9
2
7
20-17
A
6
5
1
20-18
A
9
3
6
20-19
A
3
3
20-20
A
4
1
3
20-21
A
9
1
8
20-22
A
6
3
3
20-23
A
2
2
20-24
A
4
2
2
20-25
Inst.
13
13
20-27
A
14
14
20-29
A
17
17
20-30
Inst.
13
13
20-33
A
11
11
22-1
D
2
2
22-2
D
3
3
22-4
A
4
2
2
22-5
D
6
2
4
22-6
D
3
2
1
22-7
E
1
1
22-8
E
2
2
22-9
E
3
3
22-10
E
4
4
22-11
B
2
2
22-12
D
5
2
3
22-13
D/A
5
4
1
22-14
A
19
19
22-15
E/A
6
5
1
22-16
A
9
3
6
22-17
D/A
9
1
8
22-18
D/A
8
8
22-19
A
14
14
22-20
A
9
9
22-21
A
3
1
2
22-22
A
4
4
22-23
D/A
8
8
22-24
D/A
6
2
4
22-27
D/A
9
1
8
22-28
A
7
7
Insert
Arrangement
Service
Rating
Total
Contacts
Contact Size
0
4
8
12
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73