| データシートサーチシステム |
|
24AA64FTEP データシート(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA64FTEP データシート(HTML) 1 Page - Microchip Technology |
|
1 / 30 page ![]() © 2009 Microchip Technology Inc. DS22154A-page 1 24AA64F/24LC64F Device Selection Table Features: • Single-Supply with Operation down to 1.7V for 24AA64F devices, 2.5V for 24LC64F devices • Low-Power CMOS Technology: - Read current 400 μA, max. - Standby current 1 μA, max. (I-temp) • 2-Wire Serial Interface, I2C™ Compatible • Packages with 3 Address Pins are cascadable up to 8 Devices • Schmitt Trigger Inputs for Noise Suppression • Output Slope Control to Eliminate Ground Bounce • 100 kHz and 400 kHz Clock Compatibility • Page Write Time 5 ms, typical • Self-timed Erase/Write Cycle • 32-Byte Page Write Buffer • Hardware Write-protect for 1/4 Array (1800h-1FFFh) • ESD Protection > 4,000V • More than 1 Million Erase/Write Cycles • Data Retention > 200 Years • Factory Programming Available • Packages include 8-lead PDIP, SOIC, TSSOP, MSOP, TDFN, 5-lead SOT-23 • Pb-Free and RoHS Compliant • Temperature Ranges: - Industrial (I): -40°C to +85°C - Automotive (E): -40°C to +125°C Description: The Microchip Technology Inc. 24AA64F/24LC64F (24XX64F*) is a 64 Kbit Electrically Erasable PROM. The device is organized as a single block of 8K x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V, with standby and read currents of only 1 μA and 400 μA, respectively. It has been developed for advanced, low- power applications such as personal communications or data acquisition. The 24XX64F also has a page write capability for up to 32 bytes of data. Functional address lines allow up to eight devices on the same bus, for up to 512 Kbits address space. The 24XX64F is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP, TDFN and MSOP packages. The 24XX64F is also available in the 5-lead SOT-23 package. Block Diagram Package Types Part Number VCC Range Max. Clock Frequency Temp. Ranges 24AA64F 1.7-5.5 400 kHz(1) I 24LC64F 2.5-5.5 400 kHz I, E Note 1: 100 kHz for VCC <2.5V. HV EEPROM Array Page YDEC XDEC Sense Amp. Memory Control Logic I/O Control Logic I/O WP SDA SCL VCC VSS R/W Control Latches Generator A2 A1 A0 A0 A1 A2 VSS VCC WP SCL SDA 1 2 3 4 8 7 6 5 PDIP/MSOP/SOIC/TSSOP DFN/TDFN A0 A1 A2 VSS WP SCL SDA VCC 8 7 6 5 1 2 3 4 SOT-23 1 2 34 5 WP VCC SCL VSS SDA 64K I 2C™ Serial EEPROM with Quarter-Array Write-Protect * 24XX64F is used in this document as a generic part number for the 24AA64F/24LC64F devices. |
同様の部品番号 - 24AA64FTEP |
|
同様の説明 - 24AA64FTEP |