| データシートサーチシステム |
|
MCP25020TE/P データシート(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP25020TE/P データシート(HTML) 42 Page - Microchip Technology |
|
42 / 66 page ![]() MCP2502X/5X DS21664D-page 42 © 2007 Microchip Technology Inc. 7.3.2 CONVERSION-ON-REQUEST MODE If the Conversion-on-request mode is selected, the device performs an A/D conversion only after receiving a Read A/D Registers or Read Register Receive message (IRM). In the case of the Read A/D Registers command, all of the GPIO pins that have been configured as analog input channels will have an A/D conversion done before the data frame is sent. When a Read Register Receive message is initiated (extended message format only), the A/D conversion is performed when the MSB of the analog channel is requested, with the MSB result being transferred. A subsequent read of the LSB will transmit the value latched when the MSB was requested (it is recommended that the Read A/D Registers receive message is used to obtain complete analog channel values in one message). 7.4 A/D Threshold Detection Once an A/D auto-conversion has been completed, the A/D channel result(s) can be compared to a value stored in the associated A/D channel comparator registers. If the value in the analog channel result registers (i.e., AN0L and AN10H registers for analog channel 0) is lower or higher than the value in the A/D comparator registers (as specified by a corresponding polarity bit), a transmit-on-change message will be sent (TXID2). The threshold-detection function for all analog channels is bit-selectable. If the A/D channel has been configured for transmit-on- change mode, the MCP2505 will send a transmit message with the appropriate data. It is possible that more than one A/D channel has a change-of-state condition. This does not pose a problem since all analog channel data is provided in the transmit message. REGISTER 7-1: A/D MODULE RESULT REGISTER MSB (ADRESNH) REGISTER 7-2: A/D MODULE RESULT REGISTER LSB (ADRESNL) R-x R-x R-x R-x R-x R-x R-x R-x AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 bit 7 bit 0 bit 7-0 AD9:AD2: Most Significant A/D Result bits Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown R-x R-x U-0 U-0 U-0 U-0 U-0 U-0 AD1 AD0 — — — — — — bit 7 bit 0 bit 7-6 AD1:AD0: Least significant A/D Result bits bit 5-0 Unimplemented: Reads as ‘0’ Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |