| データシートサーチシステム |
|
MCP4342103E/ST データシート(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342103E/ST データシート(HTML) 67 Page - Microchip Technology |
|
67 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 67 MCP434X/436X 10.0 PACKAGING INFORMATION 10.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 14-Lead TSSOP XXXXXXXX YYWW NNN Example 4362502E 0940 256 XXXXX 20-Lead QFN (4x4) XXXXXX YYWWNNN Example XXXXXX 4361 502EML 256 ^^ 3 e 20-Lead TSSOP XXXXXXXX XXXXX NNN Example 0940 YYWW MCP4361 EST 256 0940 ^^ 3 e |