| データシートサーチシステム |
|
MCP4342503E/ML データシート(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342503E/ML データシート(HTML) 65 Page - Microchip Technology |
|
65 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 65 MCP434X/436X 9.0 DEVELOPMENT SUPPORT 9.1 Development Tools Several development tools are available to assist in your design and evaluation of the MCP43XX devices. The currently available tools are shown in Table 9-1. These boards may be purchased directly from the Microchip web site at www.microchip.com. 9.2 Technical Documentation Several additional technical documents are available to assist you in your design and development. These technical documents include Application Notes, Technical Briefs, and Design Guides. Table 9-2 shows some of these documents. TABLE 9-1: DEVELOPMENT TOOLS TABLE 9-2: TECHNICAL DOCUMENTATION Board Name Part # Supported Devices 20-pin TSSOP and SSOP Evaluation Board TSSOP20EV MCP43XX MCP4361 Evaluation Board (1) MCP43XXEV MCP4361 MCP42XX Digital Potentiometer PICtail Plus Demo Board MCP42XXDM-PTPLS MCP42XX MCP4XXX Digital Potentiometer Daughter Board (2) MCP4XXXDM-DB MCP42XXX, MCP42XX, MCP4021, and MCP4011 Note 1: This Evaluation Board is planned to be available by March 2010. This board uses the TSSOP20EV PCB and requires the PICkit Serial Analyzer (see User’s Guide for details). This kit also includes 1 blank TSSOP20EV PCB. 2: Requires the use of a PICDEM Demo board (see User’s Guide for details) Application Note Number Title Literature # AN1080 Understanding Digital Potentiometers Resistor Variations DS01080 AN737 Using Digital Potentiometers to Design Low-Pass Adjustable Filters DS00737 AN692 Using a Digital Potentiometer to Optimize a Precision Single Supply Photo Detect DS00692 AN691 Optimizing the Digital Potentiometer in Precision Circuits DS00691 AN219 Comparing Digital Potentiometers to Mechanical Potentiometers DS00219 — Digital Potentiometer Design Guide DS22017 — Signal Chain Design Guide DS21825 |