| データシートサーチシステム |
|
MCP4342104E/ML データシート(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342104E/ML データシート(HTML) 62 Page - Microchip Technology |
|
62 / 80 page ![]() MCP434X/436X DS22233A-page 62 © 2009 Microchip Technology Inc. 8.2 Techniques to Force the CS Pin to VIHH The circuit in Figure 8-3 shows a method using the TC1240A doubling charge pump. When the SHDN pin is high, the TC1240A is off, and the level on the CS pin is controlled by the PIC® microcontrollers (MCUs) IO2 pin. When the SHDN pin is low, the TC1240A is on and the VOUT voltage is 2 * VDD. The resistor R1 allows the CS pin to go higher than the voltage such that the PIC MCU’s IO2 pin “clamps” at approximately VDD. FIGURE 8-3: Using the TC1240A to Generate the VIHH Voltage. The circuit in Figure 8-4 shows the method used on the MCP402X Non-volatile Digital Potentiometer Evaluation Board (Part Number: MCP402XEV). This method requires that the system voltage be approximately 5V. This ensures that when the PIC10F206 enters a brown-out condition, there is an insufficient voltage level on the CS pin to change the stored value of the wiper. The MCP402X Non-volatile Digital Potentiometer Evaluation Board User’s Guide (DS51546) contains a complete schematic. GP0 is a general purpose I/O pin, while GP2 can either be a general purpose I/O pin or it can output the internal clock. For the serial commands, configure the GP2 pin as an input (high impedance). The output state of the GP0 pin will determine the voltage on the CS pin (VIL or VIH). For high-voltage serial commands, force the GP0 output pin to output a high level (VOH) and configure the GP2 pin to output the internal clock. This will form a charge pump and increase the voltage on the CS pin (when the system voltage is approximately 5V). FIGURE 8-4: MCP4XXX Non-volatile Digital Potentiometer Evaluation Board (MCP402XEV) implementation to generate the VIHH voltage. 8.3 Using Shutdown Modes Figure 8-5 shows a possible application circuit where the independent terminals could be used. Disconnecting the wiper allows the transistor input to be taken to the Bias voltage level (disconnecting A and or B may be desired to reduce system current). Disconnecting Terminal A modifies the transistor input by the RBW rheostat value to the Common B. Disconnecting Terminal B modifies the transistor input by the RAW rheostat value to the Common A. The Common A and Common B connections could be connected to VDD and VSS. FIGURE 8-5: Example Application Circuit using Terminal Disconnects. CS PIC MCU MCP4XXX R1 IO1 IO2 C2 TC1240A VIN SHDN C+ C- VOUT C1 CS PIC10F206 MCP4XXX R1 GP0 GP2 C2 C1 Balance Bias W B Input Input To base of Transistor (or Amplifier) A Common B Common A |