データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4342T103E/ST データシート(PDF) 26 Page - Microchip Technology

部品番号 MCP4342T103E/ST
部品情報  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4342T103E/ST データシート(HTML) 26 Page - Microchip Technology

Back Button MCP4342T103E/ST Datasheet HTML 22Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 23Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 24Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 25Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 26Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 27Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 28Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 29Page - Microchip Technology MCP4342T103E/ST Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
MCP434X/436X
DS22233A-page 26
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-47:
VIH (SDI, SCK, CS, and
RESET) vs. VDD and Temperature.
FIGURE 2-48:
VIL (SDI, SCK, CS, and
RESET) vs. VDD and Temperature.
FIGURE 2-49:
IOH (SDO) vs. VDD and
Temperature.
FIGURE 2-50:
IOL (SDO) vs. VDD and
Temperature.
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
0
5
10
15
20
25
30
35
40
45
50
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80