| データシートサーチシステム |
|
MCP4342T104E/ML データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342T104E/ML データシート(HTML) 10 Page - Microchip Technology |
|
10 / 80 page ![]() MCP434X/436X DS22233A-page 10 © 2009 Microchip Technology Inc. Digital Inputs/Outputs (CS, SDI, SDO, SCK, WP, RESET) Schmitt Trigger High Input Threshold VIH 0.45 VDD —— V 2.7V ≤ V DD ≤ 5.5V (Allows 2.7V Digital VDD with 5V Analog VDD) 0.5 VDD —— V 1.8V ≤ V DD ≤ 2.7V Schmitt Trigger Low Input Threshold VIL — — 0.2VDD V Hysteresis of Schmitt Trigger Inputs VHYS —0.1VDD —V High Voltage Input Entry Voltage VIHH 8.5 — 12.5 (6) V Threshold for WiperLock™ Technology High Voltage Input Exit Voltage VIHH —— VDD + 0.8V V High Voltage Limit VMAX —— 12.5 (6) V Pin can tolerate VMAX or less. Output Low Voltage (SDO) VOL VSS —0.3VDD VIOL = 5 mA, VDD = 5.5V VSS —0.3VDD VIOL = 1 mA, VDD = 1.8V Output High Voltage (SDO) VOH 0.7VDD —VDD VIOH = -2.5 mA, VDD = 5.5V 0.7VDD —VDD VIOL = -1 mA, VDD = 1.8V AC/DC CHARACTERISTICS (CONTINUED) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ T A ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions Note 1: Resistance is defined as the resistance between terminal A to terminal B. 2: INL and DNL are measured at VW with VA = VDD and VB = VSS. 3: MCP43X1 only. 4: MCP43X2 only, includes VWZSE and VWFSE. 5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted. 6: This specification by design. 7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. 8: The MCP43X1 is externally connected to match the configurations of the MCP43X2, and then tested. 9: POR/BOR is not rate dependent. 10: Supply current is independent of current through the resistor network. |