| データシートサーチシステム |
|
MCP4361502E/ST データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361502E/ST データシート(HTML) 11 Page - Microchip Technology |
|
11 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 11 MCP434X/436X Weak Pull-up Current IPU — — 1.75 mA Internal VDD pull-up, VIHH pull-down, VDD = 5.5V, VCS = 12.5V —170 — µA CS pin, VDD = 5.5V, VCS = 3V CS Pull-up / Pull-down Resistance RCS —16 — k Ω VDD = 5.5V, VCS = 3V RESET Pull-up Resistance RRESET —16 — k Ω VDD = 5.5V, VRESET = 0V Input Leakage Current IIL -1 — 1 µA VIN = VDD (all pins) and VIN = VSS (all pins except RESET) Pin Capacitance CIN, COUT —10 — pF fC = 20 MHz RAM (Wiper, TCON) Value Value Range N 0h — 1FFh hex 8-bit device 0h — 1FFh hex 7-bit device TCON POR/BOR Setting 1FF hex All Terminals connected EEPROM Endurance Endurance — 1M — Cycles EEPROM Range N 0h — 1FFh hex Initial NV Wiper POR/BOR Setting N 080h hex 8-bit WiperLock Technology = Off 040h hex 7-bit WiperLock Technology = Off Initial EEPROM POR/BOR Setting N 000h hex EEPROM Programming Write Cycle Time tWC —3 10 ms Power Requirements Power Supply Sensitivity (MCP43X1) PSS — 0.0015 0.0035 %/% 8-bit VDD = 2.7V to 5.5V, VA = 2.7V, Code = 80h — 0.0015 0.0035 %/% 7-bit VDD = 2.7V to 5.5V, VA = 2.7V, Code = 40h AC/DC CHARACTERISTICS (CONTINUED) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ T A ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions Note 1: Resistance is defined as the resistance between terminal A to terminal B. 2: INL and DNL are measured at VW with VA = VDD and VB = VSS. 3: MCP43X1 only. 4: MCP43X2 only, includes VWZSE and VWFSE. 5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted. 6: This specification by design. 7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. 8: The MCP43X1 is externally connected to match the configurations of the MCP43X2, and then tested. 9: POR/BOR is not rate dependent. 10: Supply current is independent of current through the resistor network. |