データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4361104E/ML データシート(PDF) 19 Page - Microchip Technology

部品番号 MCP4361104E/ML
部品情報  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4361104E/ML データシート(HTML) 19 Page - Microchip Technology

Back Button MCP4361104E/ML Datasheet HTML 15Page - Microchip Technology MCP4361104E/ML Datasheet HTML 16Page - Microchip Technology MCP4361104E/ML Datasheet HTML 17Page - Microchip Technology MCP4361104E/ML Datasheet HTML 18Page - Microchip Technology MCP4361104E/ML Datasheet HTML 19Page - Microchip Technology MCP4361104E/ML Datasheet HTML 20Page - Microchip Technology MCP4361104E/ML Datasheet HTML 21Page - Microchip Technology MCP4361104E/ML Datasheet HTML 22Page - Microchip Technology MCP4361104E/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 19
MCP434X/436X
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-12:
5k
Ω – Low-Voltage
Decrement Wiper Settling Time (VDD = 2.7V)
(1 µs/Div).
FIGURE 2-13:
5k
Ω – Low-Voltage
Decrement Wiper Settling Time (VDD = 5.5V)
(1 µs/Div).
FIGURE 2-14:
5k
Ω – Power-Up Wiper
Response Time (20 ms/Div).
FIGURE 2-15:
5k
Ω – Low-Voltage
Increment Wiper Settling Time (VDD = 2.7V)
(1 µs/Div).
FIGURE 2-16:
5k
Ω – Low-Voltage
Increment Wiper Settling Time (VDD = 5.5V)
(1 µs/Div).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80