| データシートサーチシステム |
|
PIC12F509E/MC データシート(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509E/MC データシート(HTML) 78 Page - Microchip Technology |
|
78 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 78 © 2009 Microchip Technology Inc. TABLE 10-5: TIMING REQUIREMENTS – PIC12F508/509/16F505 FIGURE 10-6: RESET, WATCHDOG TIMER AND DEVICE RESET TIMER TIMING – PIC12F508/509/16F505 AC CHARACTERISTICS Standard Operating Conditions (unless otherwise specified) Operating Temperature -40 °C ≤ TA ≤ +85°C (industrial) -40 °C ≤ TA ≤ +125°C (extended) Operating Voltage VDD range is described in Section 10.1 "Power-on Reset (POR)" Param No. Sym. Characteristic Min. Typ(1) Max. Units 17 TOSH2IOVOSC1 ↑ (Q1 cycle) to Port Out Valid(2), (3) —— 100* ns 18 TOSH2IOIOSC1 ↑ (Q2 cycle) to Port Input Invalid (I/O in hold time)(2) 50 — — ns 19 TIOV2OSH Port Input Valid to OSC1 ↑ (I/O in setup time) 20 — — ns 20 TIOR Port Output Rise Time(3) —10 25** ns 21 TIOF Port Output Fall Time(3) —10 25** ns * These parameters are characterized but not tested. ** These parameters are design targets and are not tested. Note 1: Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested. 2: Measurements are taken in EXTRC mode. 3: See Figure 10-3 for loading conditions. VDD MCLR Internal POR DRT Timeout(2) Internal Reset Watchdog Timer Reset 32 31 34 I/O pin(1) 32 32 34 30 Note 1: I/O pins must be taken out of High-Impedance mode by enabling the output drivers in software. 2: Runs in MCLR or WDT Reset only in XT, LP and HS (PIC16F505) modes. |