| データシートサーチシステム |
|
PIC12F509E/P データシート(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509E/P データシート(HTML) 79 Page - Microchip Technology |
|
79 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 79 PIC12F508/509/16F505 TABLE 10-6: RESET, WATCHDOG TIMER AND DEVICE RESET TIMER – PIC12F508/509/16F505 AC CHARACTERISTICS Standard Operating Conditions (unless otherwise specified) Operating Temperature -40 °C ≤ TA ≤ +85°C (industrial) -40 °C ≤ TA ≤ +125°C (extended) Param No. Sym. Characteristic Min. Typ(1) Max. Units Conditions 30 TMCLMCLR Pulse Width (low) 2000* — — ns VDD = 5.0V 31 TWDT Watchdog Timer Time-out Period (no prescaler) 9* 9* 18* 18* 30* 40* ms ms VDD = 5.0V (Industrial) VDD = 5.0V (Extended) 32 TDRT Device Reset Timer Period(2) 9* 9* 18* 18* 30* 40* ms ms VDD = 5.0V (Industrial) VDD = 5.0V (Extended) 34 TIOZ I/O High-impedance from MCLR low — — 2000* ns * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is at 5V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. |