| データシートサーチシステム |
|
24FC256TE/MS データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC256TE/MS データシート(HTML) 31 Page - Microchip Technology |
|
31 / 34 page ![]() 2010 Microchip Technology Inc. DS21203Q-page 31 24AA256/24LC256/24FC256 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. X /XX Package Temperature Range Device Device: 24AA256: 256 Kbit 1.8V I2C Serial EEPROM 24AA256T: 256 Kbit 1.8V I2C Serial EEPROM Tape and Reel) 24LC256: 256 Kbit 2.5V I2C Serial EEPROM 24LC256T: 256 Kbit 2.5V I2C Serial EEPROM Tape and Reel) 24FC256: 256 Kbit High Speed I2C Serial EEPROM 24FC256T: 256 Kbit High Speed I2C Serial EEPROM Tape and Reel) Temperature Range: I= -40 C to +85C E= -40 C to +125C Package: P = Plastic DIP (300 mil body), 8-lead SN = Plastic SOIC (3.90 mm body), 8-lead SM = Plastic SOIJ (5.28 mm body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead MF = Dual, Flat, No Lead (DFN)(6x5 mm body), 8-lead MS = Plastic Micro Small Outline (MSOP), 8-lead Examples: a) 24AA256-I/P: Industrial Temp., 1.7V, PDIP package. b) 24AA256T-I/SN: Tape and Reel, Industrial Temp., 1.7V, SOIC package. c) 24AA256-I/ST: Industrial Temp., 1.7V, TSSOP package. d) 24AA256-I/MS: Industrial Temp., 1.7V, MSOP package. e) 24LC256-E/P: Extended Temp., 2.5V, PDIP package. f) 24LC256-I/SN: Industrial Temp., 2.5V, SOIC package. g) 24LC256T-I/SN: Tape and Reel, Industrial Temp., 2.5V, SOIC package. h) 24LC256-I/MS: Industrial Temp, 2.5V, MSOP package. i) 24FC256-I/P: Industrial Temp, 1.7V, High Speed, PDIP package. j) 24FC256-I/SN: Industrial Temp, 1.7V, High Speed, SOIC package. k) 24FC256T-I/SN: Tape and Reel, Industrial Temp, 1.7V, High Speed, SOIC package |