| データシートサーチシステム |
|
PIC18F1220TE/SOSQTP データシート(PDF) 98 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1220TE/SOSQTP データシート(HTML) 98 Page - Microchip Technology |
|
98 / 308 page ![]() PIC18F1220/1320 DS39605F-page 96 © 2007 Microchip Technology Inc. FIGURE 10-13: BLOCK DIAGRAM OF RB6/PGC/T1OSO/T13CKI/P1C/KBI2 PIN Data Bus WR LATB or WR TRISB Data Latch TRIS Latch RD TRISB Q D Q CK QD EN P1C Data 1 0 Q D Q CK RD PORTB RB6 pin PORTB RD LATB Schmitt Trigger RBPU(2) P Weak Pull-up Q1 From other QD EN Set RBIF RB7:RB4 pins RD PORTB Q3 PGC From RB7 pin Timer1 Oscillator T1OSCEN T13CKI Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (INTCON2<7>). TTL Buffer ECCP1 P1C/D Enable P1B/D Tri-State Auto-Shutdown VDD |