| データシートサーチシステム |
|
ACPL データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
4 / 10 page ![]() 4 Solder Reflow Temperature Profile (Gull Wing Surface Mount Option 300 Parts) Note: Non-halide flux should be used 0 TIME (SECONDS) 200 100 50 150 100 200 250 300 0 30 SEC. 50 SEC. 30 SEC. 160˚C 140˚C 150˚C PEAK TEMP. 245˚C PEAK TEMP. 240¡C PEAK TEMP. 230˚C SOLDERING TIME 200˚C PREHEATING TIME 150˚C, 90 + 30 SEC. 2.5˚C ± 0.5˚C/SEC. 3˚C + 1˚C/-0.5˚C TIGHT TYPICAL LOOSE ROOM TEMPERATURE PREHEATING RATE 3˚C + 1˚C/-0.5˚C/SEC. REFLOW HEATING RATE 2.5˚C ± 0.5˚C/SEC. Recommended Pb-Free IR Profile 217˚C RAMP-DOWN 6˚C/SEC. MAX. RAMP-UP 3˚C/SEC. MAX. 150 - 200 ˚C 260 +0/-5˚C t 25˚C to PEAK 60 to 150 SEC. 20-40 SEC. TIME WITHIN 5˚C of ACTUAL PEAK TEMPERATURE tp ts PREHEAT 60 to 180 SEC. tL TL Tsmax Tsmin 25 Tp TIME (SECONDS) NOTES: THE TIME FROM 25 C to PEAK TEMPERATURE = 8 MINUTES MAX. Tsmax = 200˚C, Tsmin = 150˚C Note: Non-halide flux should be used |