| データシートサーチシステム |
|
P16V8AS データシート(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
P16V8AS データシート(HTML) 14 Page - ATMEL Corporation |
|
14 / 26 page ![]() 14 0364J–PLD–7/05 ATF16V8B/BQ/BQL 11.3 ATF16V8B Simple Mode PAL Device Emulation/PAL Replacement. In the Simple Mode, 8 product terms are allocated to the sum term. Pins 15 and 16 (center macrocells) are permanently configured as combinato- rial outputs. Other macrocells can be either inputs or combinatorial outputs with pin feedback to the AND-array. Pins 1 and 11 are regular inputs. The compiler selects this mode when all outputs are combinatorial without OE control. The fol- lowing simple PALs can be emulated using this mode: 10L8 10H8 10P8 12L6 12H6 12P6 14L4 14H4 14P4 16L2 16H2 16P2 Figure 11-6. Simple Mode Option Note: * Pins 15 and 16 are always enabled. |