データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATTINY15L データシート(PDF) 2 Page - ATMEL Corporation

部品番号 ATTINY15L
部品情報  High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY15L データシート(HTML) 2 Page - ATMEL Corporation

  ATTINY15L Datasheet HTML 1Page - ATMEL Corporation ATTINY15L Datasheet HTML 2Page - ATMEL Corporation ATTINY15L Datasheet HTML 3Page - ATMEL Corporation ATTINY15L Datasheet HTML 4Page - ATMEL Corporation ATTINY15L Datasheet HTML 5Page - ATMEL Corporation ATTINY15L Datasheet HTML 6Page - ATMEL Corporation ATTINY15L Datasheet HTML 7Page - ATMEL Corporation ATTINY15L Datasheet HTML 8Page - ATMEL Corporation ATTINY15L Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
2
ATtiny15L
1187H–AVR–09/07
Description
The ATtiny15L is a low-power CMOS 8-bit microcontroller based on the AVR RISC
architecture. By executing powerful instructions in a single clock cycle, the ATtiny15L
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to
optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers.
All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing
two independent registers to be accessed in one single instruction executed in one clock
cycle. The resulting architecture is more code efficient while achieving throughputs up to
ten times faster than conventional CISC microcontrollers.
The ATtiny15L provides 1K byte of Flash, 64 bytes EEPROM, six general purpose I/O
lines, 32 general purpose working registers, two 8-bit Timer/Counters, one with high-
speed PWM output, internal Oscillators, internal and external interrupts, programmable
Watchdog Timer, 4-channel 10-bit Analog-to-Digital Converter with one differential volt-
age input with optional 20x gain, and three software-selectable Power-saving modes.
The Idle mode stops the CPU while allowing the ADC, anAlog Comparator,
Timer/Counters and interrupt system to continue functioning. The ADC Noise Reduction
mode facilitates high-accuracy ADC measurements by stopping the CPU while allowing
the ADC to continue functioning. The Power-down mode saves the register contents but
freezes the Oscillators, disabling all other chip functions until the next interrupt or Hard-
ware Reset. The wake-up or interrupt on pin change features enable the ATtiny15L to
be highly responsive to external events, still featuring the lowest power consumption
while in the Power-saving modes.
The device is manufactured using Atmel’s high-density, Non-volatile memory technol-
ogy. By combining a RISC 8-bit CPU with Flash on a monolithic chip, the ATtiny15L is a
powerful microcontroller that provides a highly flexible and cost-efficient solution to
many embedded control applications. The peripheral features make the ATtiny15L par-
ticularly suited for battery chargers, lighting ballasts and all kinds of intelligent sensor
applications.
The ATtiny15L AVR is supported with a full suite of program and system development
tools including macro assemblers, program debugger/simulators, In-circuit emulators
and evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85