| データシートサーチシステム |
|
ADIS16355AMLZ データシート(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIS16355AMLZ データシート(HTML) 13 Page - Analog Devices |
|
13 / 15 page ![]() Preliminary Technical Data ADISEVAL/USBZ Rev. PrA | Page 13 of 15 1 2 4 5 3 6 FIGURE FLAG NOTES: 1. Perform a single read of the ADIS16209’s output data 2. XINCL_OUT and YINCL_OUT are horizontal incline outputs. ROTATION is the vertical-oriented rotational position measurement. This requires the X and Y axes to be in the vertical plane, with respect to the earth’s surface. 3. This graph displays the vertical oriented, rotational position. This requires the X and Y axes to be in the vertical plane, with respect to the earth’s surface. 4. Start and stop continuous reading of the ADIS16209’s output data. The acquisition loop time provides rough control over sample times. Please note that this data will not have a high degree of coherence. 5. The acquisition loop time provides rough control over sample times. Please note that this data will not have a high degree of coherence. 6. Configure the ADIS16209’s internal sample rate and filter response. Figure 19. ADIS16209 Evaluation Software |