| データシートサーチシステム |
|
TLV5626CDG4 データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV5626CDG4 データシート(HTML) 7 Page - Texas Instruments |
|
7 / 19 page ![]() TLV5626 2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN SLAS236A –JUNE 1999 – REVISED JUNE 2000 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 2 Fast Mode Slow Mode VDD = 5 V Vref = Int. 2 V Input Code = 1023 (Both DACs) 2.5 2 1 0.5 –40 –30 –20 –10 0 10 20 3 4 SUPPLY CURRENT vs FREE-AIR TEMPERATURE 4.5 30 40 50 90 3.5 1.5 60 70 80 TA – Free-Air Temperature – °C Figure 3 Fast Mode Slow Mode VDD = 3 V Vref = Int. 1 V Input Code = 1023 (Both DACs) 2.5 2 1 0.5 –40 –30 –20 –10 0 10 20 3 4 SUPPLY CURRENT vs FREE-AIR TEMPERATURE 4.5 30 40 50 90 3.5 1.5 60 70 80 TA – Free-Air Temperature – °C Figure 4 1.4 1 0.4 0 01020 3040 2.2 2.4 POWER DOWN SUPPLY CURRENT vs TIME 2.6 50 60 70 80 2 1.8 1.6 1.2 0.8 0.6 0.2 t – Time – µs Figure 5 2.058 2.054 2.052 2.05 0 0.5 1 1.5 2 2.5 3 2.06 2.062 Source Current – mA OUTPUT VOLTAGE vs LOAD CURRENT 2.064 3.5 4 2.056 Fast Mode Slow Mode VDD = 3 V Vref = Int. 1 V Input Code = 4095 |