| データシートサーチシステム |
|
ADE02 データシート(PDF) 180 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02 データシート(HTML) 180 Page - Tyco Electronics |
|
180 / 326 page ![]() F5 F TRD Series Rocker/Paddle Switches, TRD Series Options FUNCTIONS Single Double 123 123 123 Pole Pole 456 456 456 D N On None On E P On Off On F On None (On) G (On) Off (On) SPDT Terminals Connected 2-3 --- 1-2 DPDT Terminals Connected 2-3 --- 1-2 5-6 --- 4-5 None No mechanical position Off Mechanical position, no electrical connection (On) Momentary mechanical position, and electrical connection L Material: Nylon 6/6 Color/Finish: Black, matte Recommended Panel Thickness: .030 to .095" Recommended Panel Thickness: .030 to .220: L.E.D. BEVELED FRAME ADAPTOR (Accepts rectangular L.E.D.) .225 (5.72) .773 (19.6) .500 (12.7) .550 (14.0) .050 (1.27) .200 (5.08) 1.100 (27.9) REF. L.E.D. .472 (12.0) .213 (5.41) .500 (12.7) .213 (5.41) DIA. .500 (12.7) .500 (12.7) .250 (6.35) 15/32" HOLE STANDARD 1/2" SQUARE CUTOUT MOUNTING Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 |