データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE06S データシート(PDF) 121 Page - Tyco Electronics

部品番号 ADE06S
部品情報  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE06S データシート(HTML) 121 Page - Tyco Electronics

Back Button ADE06S Datasheet HTML 117Page - Tyco Electronics ADE06S Datasheet HTML 118Page - Tyco Electronics ADE06S Datasheet HTML 119Page - Tyco Electronics ADE06S Datasheet HTML 120Page - Tyco Electronics ADE06S Datasheet HTML 121Page - Tyco Electronics ADE06S Datasheet HTML 122Page - Tyco Electronics ADE06S Datasheet HTML 123Page - Tyco Electronics ADE06S Datasheet HTML 124Page - Tyco Electronics ADE06S Datasheet HTML 125Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 326 page
background image
D31
D
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
BP Series
Pushbutton Switches, Splashproof Boot Seals
A wide selection of stock boot seals for pushbuttons are available in a variety of styles and thread sizes. ALCOSWITCH seals replace
standard mounting hardware to provide environmental seal. Fabricated of Neoprene in black and optional red or gray. Custom colors and
thread sizes are also available on special order.
15/32-32 PUSHBUTTON BOOT SEALS
Splashproof seals having 15/32-32 hex shape mounts integrally bonded onto the black
Neoprene seal. Supplied with a captive O-Ring for use against the panel. Readily
accepts actuators up to .38” in length. Available in two tone with nickel finish hex-
mount, or all black.
Part Number
Tyco
Alcoswitch
Mount Color Boot Color Thread Size Use with Switch Types
Electronics
2-1437626-5
BP5890
Nickel
Black
15/32-32
MSPF and MPG Series
2-1437626-6
BP5900
Black
Black
15/32-32
MSPF and MPG Series
BP5900
BP5890
15/32-32 PUSHBUTTON BOOT SEALS
Splashproof seals incorporating a molded-in hex nut for water tight and dust tight
protection. Replaces standard hardware usually supplied. Recommended for large size
pushbutton switches with actuators extending up to .31" long.
Part Number
Tyco
Alcoswitch Mount Color Boot Color Thread Size
Use with Switch Types
Electronics
2-1437626-0 BP15320
Black
Black
15/32-32
MSPF and MPG Series
2-1437626-1 BP15322
Red
Red
15/32-32
MSPF and MPG Series
2-1437626-2 BP15328
Gray
Gray
15/32-32
MSPF and MPG Series
1/4-40 PUSHBUTTON BOOT SEALS
Splashproof seals having 1/4-40 blind nuts integrally mounted to the black Neoprene
seal. Supplied with a captive O-Ring to complete the panel seal. Used with actuators up
to .37" long. Choice of two-tone with nickel finish knurled ring or all black.
Part Number
Tyco
Alcoswitch Mount Color Boot Color Thread Size Use with Switch Types
Electronics
2-1437626-3 BP1900
Nickel
Black
1/4-40
MSPM, MSP3, MPA3 and TP Series
2-1437626-4 BP2010
Black
Black
1/4-40
MSPM, MSP3, MPA3 and TP Series
BP1900
BP20100
BP15320
1/4-40 PUSHBUTTON BOOT SEALS
Splashproof seals for miniature pushbuttons having
a 1/4-40 bushing. The two models allow use with
buttons that extend up to .17” (BPA) or up to
.33"(BP). The hex nut is molded-in and no O-Ring
is required.
Part Number
Tyco
Alcoswitch
Mount Color Boot Color Thread Size
Use with Switch Types
Electronics
1-1437626-7
BP14400
Black
Black
1/4-40
MSPM, MPA3, MPS and TP Series
1-1437626-8
BP14402
Red
Red
1/4-40
MSPM, MPA3, MPS and TP Series
1-1437626-9
BP14408
Gray
Gray
1/4-40
MSPM, MPA3, MPS and TP Series
2-1437626-7
BPA14400
Black
Black
1/4-40
MSPMBS, MSPMCS, MSP3,MPA3, TP Series
2-1437626-8
BPA14402
Red
Red
1/4-40
MSPMBS, MSPMCS, MSP3, MPA3, TP Series
2-1437626-9
BPA14408
Gray
Gray
1/4-40
MSPMBS, MSPMCS, MSP3, MPA3, TP Series
BPA14400
BP14400
BP
BPA
10-48 PUSHBUTTON BOOT SEALS
Splashproof seal designed for "TINY" pushbutton switches having a 10-48
bushing and .14" long button actuators. The hex nut is molded-in to the Neoprene seal.
No O-Ring is required. Custom colors are available on special order.
Part Number
Tyco
Alcoswitch
Mount Color
Boot Color Thread Size
Use with Switch Types
Electronics
1-1437626-4 BP10480
Black
Black
10-48
TP Series
1-1437626-5 BP10482
Red
Red
10-48
TP Series
1-1437626-6 BP10488
Gray
Gray
10-48
TP Series
BP10480
.276
(7.01)
.312
(7.92)
10-48 UNS-28
.079
(2.00)
.460
(11.6)
.425
(10.7)
.425
(10.7)
.300
(7.62)
.090
(2.28)
.090
(2.28)
1/4-40 UNS-2B
1/4-40 UNS-2B
.472
(11.9)
.090
(2.28)
.670
(17.0)
15/32 32 UNS-2B
1/4-40 UNS-2B
.472
(11.9)
.460
(11.6)
.472
(11.9)
.670
(17.0)
.090
(2.28)
15/32 32UNS-2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More