| データシートサーチシステム |
|
SFPKA455KG1A-R1 データシート(PDF) 44 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SFPKA455KG1A-R1 データシート(HTML) 44 Page - Murata Manufacturing Co., Ltd. |
|
44 / 78 page ![]() (1) (2) (3) (4) (5) R1 R2 E2 E1 Rg S.S.G. 0dBm RF Voltmeter Connection (1) (2) (3)(4)(5) : Input : Output : Ground Rg+R1=R2=Input/Output Impedance c Test Circuit 100 40 30 20 10 0 0 50 100 200 430 455 480 Frequency (kHz) 90 80 70 60 50 150 c Frequency Characteristics CFWLB455KEFA-B0 100 40 30 20 10 0 200 Frequency (kHz) 90 80 70 60 50 300 400 500 600 700 800 900 1000 CFWLB455KEFA-B0 P05E.pdf Nov.24,2011 42 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. 12 |