データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZT52C39LP データシート(PDF) 4 Page - Diodes Incorporated

部品番号 BZT52C39LP
部品情報  Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C39LP データシート(HTML) 4 Page - Diodes Incorporated

  BZT52C39LP Datasheet HTML 1Page - Diodes Incorporated BZT52C39LP Datasheet HTML 2Page - Diodes Incorporated BZT52C39LP Datasheet HTML 3Page - Diodes Incorporated BZT52C39LP Datasheet HTML 4Page - Diodes Incorporated BZT52C39LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BZT52C2V4LP - BZT52C39LP
Document number: DS30506 Rev. 18 - 2
4 of 5
www.diodes.com
September 2011
© Diodes Incorporated
BZT52C2V4LP - BZT52C39LP
Package Outline Dimensions
Suggested Pad Layout
X1-DFN1006-2
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
-
-
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G
0.3
X
0.7
Y
0.4
C
0.7
L
E
b
R
e
D
A1
A
Z
X
C
G
Y



Html Pages

1 2 3 4 5