| データシートサーチシステム |
|
LPC4370 データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4370 データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 150 page ![]() LPC4370 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 21 October 2013 21 of 150 NXP Semiconductors LPC4370 32-bit ARM Cortex-M4/M0 microcontroller P4_6 C1 - [3] I; PU I/O GPIO2[6] — General purpose digital input/output pin. O CTOUT_4 — SCT output 4. Match output 0 of timer 1. O LCD_ENAB/LCDM — STN AC bias drive or TFT data enable input. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O SGPIO12 — General purpose digital input/output pin. P4_7 H4 - [3] O; PU O LCD_DCLK — LCD panel clock. I GP_CLKIN — General purpose clock input to the CGU. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O I2S1_TX_SCK — Transmit Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. I/O I2S0_TX_SCK — Transmit Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. P4_8 E2 - [3] I; PU - R — Function reserved. I CTIN_5 — SCT input 5. Capture input 2 of timer 2. O LCD_VD9 — LCD data. - R — Function reserved. I/O GPIO5[12] — General purpose digital input/output pin. O LCD_VD22 — LCD data. O CAN1_TD — CAN1 transmitter output. I/O SGPIO13 — General purpose digital input/output pin. P4_9 L2 - [3] I; PU - R — Function reserved. I CTIN_6 — SCT input 6. Capture input 1 of timer 3. O LCD_VD11 — LCD data. - R — Function reserved. I/O GPIO5[13] — General purpose digital input/output pin. O LCD_VD15 — LCD data. I CAN1_RD — CAN1 receiver input. I/O SGPIO14 — General purpose digital input/output pin. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |