| データシートサーチシステム |
|
AD977ARS データシート(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977ARS データシート(HTML) 23 Page - Analog Devices |
|
23 / 24 page ![]() AD977/AD977A –23– REV. D The ADSP-2181 SPORT0 will now remain synchronized to the external discontinuous clock for all subsequent conversions. DR0 SCLK0 PF1 ADSP-2181 DATACLK DATA TAG AD977/ AD977A OSCILLATOR RFS0 PF0 SPORT0 CNTRL REG = 0x300F EXT/INT CS R/C Figure 30. AD977/AD977A to ADSP-2181 Interface POWER SUPPLIES AND DECOUPLING The AD977/AD977A has two power supply input pins. VANA and VDIG provide the supply voltages to the analog and digital portions, respectively. VANA is the 5 V supply for the on-chip analog circuitry, and VDIG is the 5 V supply for the on-chip digital circuitry. The AD977/AD977A is designed to be inde- pendent of power supply sequencing and thus free from supply voltage induced latchup. With high performance linear circuits, changes in the power supplies can result in undesired circuit performance. Optimally, well regulated power supplies should be chosen with less than 1% ripple. The ac output impedance of a power supply is a complex function of frequency and will generally increase with frequency. Thus, high frequency switching, such as that encoun- tered with digital circuitry, requires the fast transient currents that most power supplies cannot adequately provide. Such a situation results in large voltage spikes on the supplies. To com- pensate for the finite ac output impedance of most supplies, charge “reserves” should be stored in bypass capacitors. This will effectively lower the supplies impedance presented to the AD977/AD977A VANA and VDIG pins and reduce the magnitude of these spikes. Decoupling capacitors, typically 0.1 µF, should be placed close to the power supply pins of the AD977/AD977A to minimize any inductance between the capacitors and the VANA and VDIG pins. The AD977/AD977A may be operated from a single 5 V supply. When separate supplies are used, however, it is benefi- cial to have larger capacitors, 10 µF, placed between the logic supply (V DIG) and digital common (DGND) and between the analog supply (V ANA) and the analog common (AGND2). Additionally, 10 µF capacitors should be located in the vicinity of the ADC to further reduce low frequency ripple. In systems where the device will be subjected to harsh environmental noise, additional decoupling may be required. GROUNDING The AD977/AD977A has three ground pins; AGND1, AGND2 and DGND. The analog ground pins are the “high quality” ground reference points and should be connected to the system analog common. AGND2 is the ground to which most internal ADC analog signals are referenced. This ground is most sus- ceptible to current induced voltage drops and thus must be connected with the least resistance back to the power supply. AGND1 is the low current analog supply ground and should be the analog common for the external reference, input op amp drive circuitry and the input resistor divider circuit. By applying the inputs referenced to this ground, any ground variations will be offset and have a minimal effect on the resulting analog input to the ADC. The digital ground pin, DGND, is the reference point for all of the digital signals that control the AD977/AD977A. The AD977/AD977A can be powered with two separate power supplies or with a single analog supply. When the system digital supply is noisy, or fast switching digital signals are present, it is recommended to connect the analog supply to both the V ANA and V DIG pins of the AD977/AD977A and the system supply to the remaining digital circuitry. With this configuration, AGND1, AGND2 and DGND should be connected back at the ADC. When there is significant bus activity on the digital output pins, the digital and analog supply pins on the ADC should be separated. This would eliminate any high speed digital noise from coupling back to the analog portion of the AD977/ AD977A. In this configuration, the digital ground pin DGND should be connected to the system digital ground and be separate from the AGND pins. BOARD LAYOUT Designing with high resolution data converters requires careful attention to board layout. Trace impedance is a significant issue. A 1.22 mA current through a 0.5 Ω trace will develop a voltage drop of 0.6 mV, which is 2 LSBs at the 16-bit level over the 20 volt full-scale range. Ground circuit impedances should be reduced as much as possible since any ground potential differ- ences between the signal source and the ADC appear as an error voltage in series with the input signal. In addition to ground drops, inductive and capacitive coupling needs to be considered. This is especially true when high accuracy analog input signals share the same board with digital signals. Thus, to minimize input noise coupling, the input signal leads to VIN and the signal return leads from AGND should be kept as short as possible. In addition, power supplies should also be decoupled to filter out ac noise. Analog and digital signals should not share a common path. Each signal should have an appropriate analog or digital return routed close to it. Using this approach, signal loops enclose a small area, minimizing the inductive coupling of noise. Wide PC tracks, large gauge wire and ground planes are highly recom- mended to provide low impedance signal paths. Separate analog and digital ground planes are also recommended with a single interconnection point to minimize ground loops. Analog signals should be routed as far as possible from high speed digital sig- nals and should only cross them, if absolutely necessary, at right angles. In addition, it is recommended that multilayer PC boards be used with separate power and ground planes. When designing the separate sections, careful attention should be paid to the layout. |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |