| データシートサーチシステム |
|
AD5246BKSZ100-R2 データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5246BKSZ100-R2 データシート(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() AD5246 Data Sheet Rev. C | Page 12 of 16 I2C INTERFACE Table 6. Write Mode S 0 1 0 1 1 1 0 W A X D6 D5 D4 D3 D2 D1 D0 A P Slave Address Byte Data Byte Table 7. Read Mode S 0 1 0 1 1 1 0 R A 0 D6 D5 D4 D3 D2 D1 D0 A P Slave Address Byte Data Byte S = Start Condition. P = Stop Condition. A = Acknowledge. X = Don’t Care. W = Write. R = Read. D6, D5, D4, D3, D2, D1, D0 = Data Bits. t1 t3 t4 t2 t7 t8 t9 P S P S t10 t5 t9 t8 SCL SDA t2 t6 Figure 26. I2C Interface, Detailed Timing Diagram SCL FRAME 1 FRAME 2 START BY MASTER ACK BY AD5246 SLAVE ADDRESS BYTE STOP BY MASTER DATA BYTE SDA 0 1 0 1 1 1 0 R/W X D6 D4 D3 D2 D1 D0 1 1 9 ACK BY AD5246 1 9 D5 Figure 27. Writing to the RDAC Register NO ACK BY MASTER SCL SDA 0 1 0 1 1 1 0 R/W 0 D6 D5 D4 D3 D2 D1 D0 1 9 1 9 FRAME 1 FRAME 2 START BY MASTER ACK BY AD5246 SLAVE ADDRESS BYTE RDAC REGISTER STOP BY MASTER Figure 28. Reading from the RDAC Register |