データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADG904BRUZ-R データシート(PDF) 15 Page - Analog Devices

部品番号 ADG904BRUZ-R
部品情報  Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADG904BRUZ-R データシート(HTML) 15 Page - Analog Devices

Back Button ADG904BRUZ-R Datasheet HTML 9Page - Analog Devices ADG904BRUZ-R Datasheet HTML 10Page - Analog Devices ADG904BRUZ-R Datasheet HTML 11Page - Analog Devices ADG904BRUZ-R Datasheet HTML 12Page - Analog Devices ADG904BRUZ-R Datasheet HTML 13Page - Analog Devices ADG904BRUZ-R Datasheet HTML 14Page - Analog Devices ADG904BRUZ-R Datasheet HTML 15Page - Analog Devices ADG904BRUZ-R Datasheet HTML 16Page - Analog Devices ADG904BRUZ-R Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ADG904/ADG904-R
Data Sheet
Rev. C | Page 14 of 16
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADG904BCPZ
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG904BCPZ-R-REEL
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG904BCPZ-REEL
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG904BCPZ-REEL7
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG904BRUZ
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
ADG904BRUZ-R
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRUZ-REEL7
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADW54011Z-0REEL7
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
EVAL-ADG904EBZ
Evaluation Board
EVAL-ADG904REBZ
Evaluation Board
1
Z = RoHS compliant part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADW54011Z model is available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that this automotive model may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade product shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for this model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com