データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8247VRTMFA データシート(PDF) 34 Page - Freescale Semiconductor, Inc

部品番号 MPC8247VRTMFA
部品情報  PowerQUICC II Family Hardware Specifications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRTMFA データシート(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8247VRTMFA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3
34
Freescale Semiconductor
Clock Configuration Modes
1000_010
66.7
133.3
3
200.0 400.0
3.5
233.3 466.7
8
25.0
50.0
1000_011
66.7
133.3
3
200.0 400.0
4
266.7 533.3
8
25.0
50.0
1000_100
66.7
133.3
3
200.0 400.0
4.5
300.0 600.0
8
25.0
50.0
1000_101
66.7
133.3
3
200.0 400.0
6
400.0 800.0
8
25.0
50.0
1000_110
66.7
133.3
3
200.0 400.0
6.5
433.3 866.7
8
25.0
50.0
1001_000
Reserved
1001_001
Reserved
1001_010
57.1
114.3
3.5
200.0 400.0
3.5
200.0 400.0
8
25.0
50.0
1001_011
57.1
114.3
3.5
200.0 400.0
4
228.6 457.1
8
25.0
50.0
1001_100
57.1
114.3
3.5
200.0 400.0
4.5
257.1 514.3
8
25.0
50.0
1001_101
42.9
85.7
3.5
150.0 300.0
5
214.3 428.6
6
25.0
50.0
1001_110
42.9
85.7
3.5
150.0 300.0
5.5
235.7 471.4
6
25.0
50.0
1001_111
42.9
85.7
3.5
150.0 300.0
6
257.1 514.3
6
25.0
50.0
1010_000
75.0
150.0
2
150.0 300.0
2
150.0 300.0
6
25.0
50.0
1010_001
75.0
150.0
2
150.0 300.0
2.5
187.5 375.0
6
25.0
50.0
1010_010
75.0
150.0
2
150.0 300.0
3
225.0 450.0
6
25.0
50.0
1010_011
75.0
150.0
2
150.0 300.0
3.5
262.5 525.0
6
25.0
50.0
1010_100
75.0
150.0
2
150.0 300.0
4
300.0 600.0
6
25.0
50.0
1010_101
100.0 200.0
2
200.0 400.0
2.5
250.0 500.0
8
25.0
50.0
1010_110
100.0 200.0
2
200.0 400.0
3
300.0 600.0
8
25.0
50.0
1010_111
100.0 200.0
2
200.0 400.0
3.5
350.0 700.0
8
25.0
50.0
1011_000
Reserved
1011_001
80.0
160.0
2.5
200.0 400.0
2.5
200.0 400.0
8
25.0
50.0
1011_010
80.0
160.0
2.5
200.0 400.0
3
240.0 480.0
8
25.0
50.0
1011_011
80.0
160.0
2.5
200.0 400.0
3.5
280.0 560.0
8
25.0
50.0
1011_100
80.0
160.0
2.5
200.0 400.0
4
320.0 640.0
8
25.0
50.0
Table 18. Clock Configurations for PCI Host Mode (PCI_MODCK=1)1,2 (continued)
Mode3
Bus Clock
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
PCI
Division
Factor6
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61