| データシートサーチシステム |
|
MPC8247VR データシート(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247VR データシート(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 61 page ![]() MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3 30 Freescale Semiconductor Clock Configuration Modes 1000_010 66.7 88.9 3 200.0 266.6 3.5 233.3 311.1 4 50.0 66.7 1000_011 66.7 88.9 3 200.0 266.6 4 266.7 355.5 4 50.0 66.7 1000_100 66.7 88.9 3 200.0 266.6 4.5 300.0 400.0 4 50.0 66.7 1000_101 66.7 88.9 3 200.0 266.6 6 400.0 533.3 4 50.0 66.7 1000_110 66.7 88.9 3 200.0 266.6 6.5 433.3 577.7 4 50.0 66.7 1001_000 Reserved 1001_001 Reserved 1001_010 57.1 76.2 3.5 200.0 266.6 3.5 200.0 266.6 4 50.0 66.7 1001_011 57.1 76.2 3.5 200.0 266.6 4 228.6 304.7 4 50.0 66.7 1001_100 57.1 76.2 3.5 200.0 266.6 4.5 257.1 342.8 4 50.0 66.7 1001_101 85.7 114.3 3.5 300.0 400.0 5 428.6 571.4 6 50.0 66.7 1001_110 85.7 114.3 3.5 300.0 400.0 5.5 471.4 628.5 6 50.0 66.7 1001_111 85.7 114.3 3.5 300.0 400.0 6 514.3 685.6 6 50.0 66.7 1010_000 75.0 100.0 2 150.0 200.0 2 150.0 200.0 3 50.0 66.7 1010_001 75.0 100.0 2 150.0 200.0 2.5 187.5 250.0 3 50.0 66.7 1010_010 75.0 100.0 2 150.0 200.0 3 225.0 300.0 3 50.0 66.7 1010_011 75.0 100.0 2 150.0 200.0 3.5 262.5 350.0 3 50.0 66.7 1010_100 75.0 100.0 2 150.0 200.0 4 300.0 400.0 3 50.0 66.7 1010_101 100.0 133.3 2 200.0 266.6 2.5 250.0 333.3 4 50.0 66.7 1010_110 100.0 133.3 2 200.0 266.6 3 300.0 400.0 4 50.0 66.7 1010_111 100.0 133.3 2 200.0 266.6 3.5 350.0 466.6 4 50.0 66.7 1011_000 Reserved 1011_001 80.0 106.7 2.5 200.0 266.6 2.5 200.0 266.6 4 50.0 66.7 1011_010 80.0 106.7 2.5 200.0 266.6 3 240.0 320.0 4 50.0 66.7 1011_011 80.0 106.7 2.5 200.0 266.6 3.5 280.0 373.3 4 50.0 66.7 Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=0)1,2 (continued) Mode3 Bus Clock (MHz) CPM Multiplication Factor4 CPM Clock (MHz) CPU Multiplication Factor5 CPU Clock (MHz) PCI Division Factor6 PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |