| データシートサーチシステム |
|
ADP5589ACPZ-00-R7 データシート(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACPZ-00-R7 データシート(HTML) 27 Page - Analog Devices |
|
27 / 52 page ![]() Data Sheet ADP5589 Rev. B | Page 27 of 52 GPI_INT_STAT_A Register 0x13 Table 27. GPI_INT_STAT_A Bit Descriptions Bits Name R/W Description 7 GPI_8_INT R 0 = no interrupt. 1 = interrupt due to GPI_8 (R7 pin). Cleared on read. 6 GPI_7_INT R 0 = no interrupt. 1 = interrupt due to GPI_7 (R6 pin). Cleared on read. 5 GPI_6_INT R 0 = no interrupt. 1 = interrupt due to GPI_6 (R5 pin). Cleared on read. 4 GPI_5_INT R 0 = no interrupt. 1 = interrupt due to GPI_5 (R4 pin). Cleared on read. 3 GPI_4_INT R 0 = no interrupt. 1 = interrupt due to GPI_4 (R3 pin). Cleared on read. 2 GPI_3_INT R 0 = no interrupt. 1 = interrupt due to GPI_3 (R2 pin). Cleared on read. 1 GPI_2_INT R 0 = no interrupt. 1 = interrupt due to GPI_2 (R1 pin). Cleared on read. 0 GPI_1_INT R 0 = no interrupt. 1 = interrupt due to GPI_1 (R0 pin). Cleared on read. GPI_INT_STAT_B Register 0x14 Table 28. GPI_INT_STAT_B Bit Descriptions Bits Name R/W Description 7 GPI_16_INT R 0 = no interrupt. 1 = interrupt due to GPI_16 (C7 pin). Cleared on read. 6 GPI_15_INT R 0 = no interrupt. 1 = interrupt due to GPI_15 (C6 pin). Cleared on read. 5 GPI_14_INT R 0 = no interrupt. 1 = interrupt due to GPI_14 (C5 pin). Cleared on read. 4 GPI_13_INT R 0 = no interrupt. 1 = interrupt due to GPI_13 (C4 pin). Cleared on read. 3 GPI_12_INT R 0 = no interrupt. 1 = interrupt due to GPI_12 (C3 pin). Cleared on read. 2 GPI_11_INT R 0 = no interrupt. 1 = interrupt due to GPI_11 (C2 pin). Cleared on read. 1 GPI_10_INT R 0 = no interrupt. 1 = interrupt due to GPI_10 (C1 pin). Cleared on read. 0 GPI_9_INT R 0 = no interrupt. 1 = interrupt due to GPI_9 (C0 pin). Cleared on read. GPI_INT_STAT_C Register 0x15 Table 29. GPI_INT_STAT_C Bit Descriptions Bits Name R/W Description [7: 3] Reserved. 2 GPI_19_INT R 0 = no interrupt. 1 = interrupt due to GPI_19 (C10 pin). Cleared on read. 1 GPI_18_INT R 0 = no interrupt. 1 = interrupt due to GPI_18 (C9 pin). Cleared on read. 0 GPI_17_INT R 0 = no interrupt. 1 = interrupt due to GPI_17 (C8 pin). Cleared on read. |