データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP5589ACBZ-00-R7 データシート(PDF) 27 Page - Analog Devices

部品番号 ADP5589ACBZ-00-R7
部品情報  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-00-R7 データシート(HTML) 27 Page - Analog Devices

Back Button ADP5589ACBZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 29Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 30Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 27 of 52
GPI_INT_STAT_A Register 0x13
Table 27. GPI_INT_STAT_A Bit Descriptions
Bits
Name
R/W
Description
7
GPI_8_INT
R
0 = no interrupt.
1 = interrupt due to GPI_8 (R7 pin). Cleared on read.
6
GPI_7_INT
R
0 = no interrupt.
1 = interrupt due to GPI_7 (R6 pin). Cleared on read.
5
GPI_6_INT
R
0 = no interrupt.
1 = interrupt due to GPI_6 (R5 pin). Cleared on read.
4
GPI_5_INT
R
0 = no interrupt.
1 = interrupt due to GPI_5 (R4 pin). Cleared on read.
3
GPI_4_INT
R
0 = no interrupt.
1 = interrupt due to GPI_4 (R3 pin). Cleared on read.
2
GPI_3_INT
R
0 = no interrupt.
1 = interrupt due to GPI_3 (R2 pin). Cleared on read.
1
GPI_2_INT
R
0 = no interrupt.
1 = interrupt due to GPI_2 (R1 pin). Cleared on read.
0
GPI_1_INT
R
0 = no interrupt.
1 = interrupt due to GPI_1 (R0 pin). Cleared on read.
GPI_INT_STAT_B Register 0x14
Table 28. GPI_INT_STAT_B Bit Descriptions
Bits
Name
R/W
Description
7
GPI_16_INT
R
0 = no interrupt.
1 = interrupt due to GPI_16 (C7 pin). Cleared on read.
6
GPI_15_INT
R
0 = no interrupt.
1 = interrupt due to GPI_15 (C6 pin). Cleared on read.
5
GPI_14_INT
R
0 = no interrupt.
1 = interrupt due to GPI_14 (C5 pin). Cleared on read.
4
GPI_13_INT
R
0 = no interrupt.
1 = interrupt due to GPI_13 (C4 pin). Cleared on read.
3
GPI_12_INT
R
0 = no interrupt.
1 = interrupt due to GPI_12 (C3 pin). Cleared on read.
2
GPI_11_INT
R
0 = no interrupt.
1 = interrupt due to GPI_11 (C2 pin). Cleared on read.
1
GPI_10_INT
R
0 = no interrupt.
1 = interrupt due to GPI_10 (C1 pin). Cleared on read.
0
GPI_9_INT
R
0 = no interrupt.
1 = interrupt due to GPI_9 (C0 pin). Cleared on read.
GPI_INT_STAT_C Register 0x15
Table 29. GPI_INT_STAT_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPI_19_INT
R
0 = no interrupt.
1 = interrupt due to GPI_19 (C10 pin). Cleared on read.
1
GPI_18_INT
R
0 = no interrupt.
1 = interrupt due to GPI_18 (C9 pin). Cleared on read.
0
GPI_17_INT
R
0 = no interrupt.
1 = interrupt due to GPI_17 (C8 pin). Cleared on read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52