| データシートサーチシステム |
|
P8044AH-R0117 データシート(PDF) 32 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
P8044AH-R0117 データシート(HTML) 32 Page - InnovASIC, Inc |
|
32 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 32 of 65 1-888-824-4184 ® 4.8 General CPU Registers 4.8.1 Accumulator (ACC) Table 22 presents the Accumulator Register. Most instructions use the accumulator to hold the operand. The mnemonics for accumulator-specific instructions refer to accumulator as A, not ACC. Table 22. Accumulator Register 7 6 5 4 3 2 1 0 ACC.7 ACC.6 ACC.5 ACC.4 ACC.3 ACC.2 ACC.1 ACC.0 4.8.2 B Register (B) Table 23 presents the B register, which is used during multiply and divide instructions. It can also be used as a scratch-pad register to hold temporary data. Table 23. B Register 7 6 5 4 3 2 1 0 B.7 B.6 B.5 B.4 B.3 B.2 B.1 B.0 4.8.3 Program Status Word (PSW) Table 24 presents program status word, which contains CPU status flags, register select bits, and user flags. Table 24. Program Status Word Register 7 6 5 4 3 2 1 0 CY AC F0 RS1 RS0 OV – P Bit [7]—CY → (PSW.7) Carry flag for carry out of or into Bit [7] Bit [6]—AC → (PSW.7) Auxiliary carry flag for carry out of or into Bit [3] Bit [5]—F0 → (PSW.7) General purpose Flag 0 available for user Bit [4]—RS1 → (PSW.7) Register bank select control Bit [1], used to select working register bank Bit [3]—RS0 → (PSW.7) Register bank select control Bit [0], used to select working register bank |