| データシートサーチシステム |
|
IA82510-PDW28I-R-01 データシート(PDF) 21 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82510-PDW28I-R-01 データシート(HTML) 21 Page - InnovASIC, Inc |
|
21 / 25 page ![]() IA82510 Data Sheet Asynchronous Serial Controller February 25, 2011 IA211001219-05 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 21 of 25 1-888-824-4184 ® Errata No. 7 Problem: Difficulty starting oscillator with crystal. Description: No internal feedback resistor between X1 and X2. Workaround: Install external 1-10Mohm resistor. Errata No. 8 Problem: Intermittent and temperature sensitive crystal oscillator operation when cycling power. Description: Strapping state elements apparently transparent latches instead of flip flops. If flip flop powers up to wrong state, crystal oscillator is disabled while reset is active. OK after first reset following power-up. Workaround: None. Errata No. 9 Problem: Auto-acknowledge of interrupts via writing of LSR does not work. Description: Writing LSR directly sets/resets bits 4 through 0. Also writing 0 to LSR(0) – RX FIFO – clears the RX FIFO level as seen by FLR. Writing zero to any other LSR bits clears the corresponding LSR/RST flag, but also corrupts the FIFO location the write pointer is set to, then increments both the write and read pointers. Workaround: Use other means to service interrupts, such as read of RST or RXD. Errata No. 10 Problem: ICM Status Clear command does not clear LSR/RST overrun error. Description: ICM Status Clear command should clear everything in RST/LSR, MSR, and TMST except RST/LSR(0). Overrun error was missed. Workaround: Use other means to service interrupts. |