| データシートサーチシステム |
|
STM32L151CB データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 97/121 dOffset/dT(1) Offset error temperature coefficient (code 0x800) VDDA = 3.3V VREF+ = 3.0V TA = 0 to 50 °C DAC output buffer OFF -20 -10 0 µV/°C VDDA = 3.3V VREF+ = 3.0V TA = 0 to 50 °C DAC output buffer ON 020 50 Gain(1) Gain error(7) CL ≤ 50 pF, RL ≥ 5 kΩ DAC output buffer ON +0.1 / -0.2% +0.2 / -0.5% % No RLOAD, CL ≤ 50 pF DAC output buffer OFF +0 / -0.2% +0 / -0.4% dGain/dT(1) Gain error temperature coefficient VDDA = 3.3V VREF+ = 3.0V TA = 0 to 50 °C DAC output buffer OFF -10 -2 0 µV/°C VDDA = 3.3V VREF+ = 3.0V TA = 0 to 50 °C DAC output buffer ON -40 -8 0 TUE(1) Total unadjusted error CL ≤ 50 pF, RL ≥ 5 kΩ DAC output buffer ON 12 30 LSB No RLOAD, CL ≤ 50 pF DAC output buffer OFF 812 tSETTLING Settling time (full scale: for a 12-bit code transition between the lowest and the highest input codes till DAC_OUT reaches final value ±1LSB CL ≤ 50 pF, RL ≥ 5 kΩ 712 µs Update rate Max frequency for a correct DAC_OUT change (95% of final value) with 1 LSB variation in the input code CL ≤ 50 pF, RL ≥ 5 kΩ 1 Msps tWAKEUP Wakeup time from off state (setting the ENx bit in the DAC Control register)(8) CL ≤ 50 pF, RL ≥ 5 kΩ 915 µs PSRR+ VDDA supply rejection ratio (static DC measurement) CL ≤ 50 pF, RL ≥ 5 kΩ -60 -35 dB 1. Data based on characterization results. 2. Connected between DAC_OUT and VSSA. 3. Difference between two consecutive codes - 1 LSB. Table 57. DAC characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |