| データシートサーチシステム |
|
STM32L152V8 データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152V8 データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 50/121 Doc ID 17659 Rev 8 6.3 Operating conditions 6.3.1 General operating conditions Table 13. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 150 °C Table 14. General operating conditions Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency 0 32 MHz fPCLK1 Internal APB1 clock frequency 0 32 fPCLK2 Internal APB2 clock frequency 0 32 VDD Standard operating voltage BOR detector disabled 1.65 3.6 V BOR detector enabled, at power on 1.8 3.6 BOR detector disabled, after power on 1.65 3.6 VDDA (1) 1. When the ADC is used, refer to Table 54: ADC characteristics. Analog operating voltage (ADC and DAC not used) Must be the same voltage as VDD (2) 2. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and VDDA can be tolerated during power-up and operation. 1.65 3.6 V Analog operating voltage (ADC or DAC used) 1.8 3.6 P D Power dissipation at TA = 85 °C (3) 3. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 68: Thermal characteristics on page 114). BGA100 package 339 mW TA Temperature range Maximum power dissipation –40 85 °C Low power dissipation(4) 4. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max (see Table 68: Thermal characteristics on page 114). –40 105 TJ Junction temperature range -40 °C ≤ TA ≤ 105 °C –40 105 °C |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |