| データシートサーチシステム |
|
DOC7707 データシート(PDF) 145 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DOC7707 データシート(HTML) 145 Page - List of Unclassifed Manufacturers |
|
145 / 307 page ![]() 145 7707F–AVR–11/10 AT90USB82/162 Figure 16-3. SPI Transfer Format with CPHA = 0 Figure 16-4. SPI Transfer Format with CPHA = 1 Table 16-5. CPOL Functionality Leading Edge Trailing eDge SPI Mode CPOL=0, CPHA=0 Sample (Rising) Setup (Falling) 0 CPOL=0, CPHA=1 Setup (Rising) Sample (Falling) 1 CPOL=1, CPHA=0 Sample (Falling) Setup (Rising) 2 CPOL=1, CPHA=1 Setup (Falling) Sample (Rising) 3 Bit 1 Bit 6 LSB MSB SCK (CPOL = 0) mode 0 SAMPLE I MOSI/MISO CHANGE 0 MOSI PIN CHANGE 0 MISO PIN SCK (CPOL = 1) mode 2 SS MSB LSB Bit 6 Bit 1 Bit 5 Bit 2 Bit 4 Bit 3 Bit 3 Bit 4 Bit 2 Bit 5 MSB first (DORD = 0) LSB first (DORD = 1) SCK (CPOL = 0) mode 1 SAMPLE I MOSI/MISO CHANGE 0 MOSI PIN CHANGE 0 MISO PIN SCK (CPOL = 1) mode 3 SS MSB LSB Bit 6 Bit 1 Bit 5 Bit 2 Bit 4 Bit 3 Bit 3 Bit 4 Bit 2 Bit 5 Bit 1 Bit 6 LSB MSB MSB first (DORD = 0) LSB first (DORD = 1) |