| データシートサーチシステム |
|
DOC7707 データシート(PDF) 207 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DOC7707 データシート(HTML) 207 Page - List of Unclassifed Manufacturers |
|
207 / 307 page ![]() 207 7707F–AVR–11/10 AT90USB82/162 It is not possible to have overflow error during IN stage, in the CPU side, since the CPU should write only if the bank is ready to access data (TXINI=1 or RWAL=1). 20.17 Interrupts The next figure shows all the interrupts sources: Figure 20-4. USB Device Controller Interrupt System There are 2 kind of interrupts: processing (i.e. their generation are part of the normal processing) and exception (errors). Processing interrupts are generated when: • Upstream resume(UPRSMI) • End of resume(EORSMI) • Wake up(WAKEUPI) • End of reset (Speed Initialization)(EORSTI) • Start of frame(SOFI, if FNCERR=0) • Suspend detected after 3 ms of inactivity(SUSPI) Exception Interrupts are generated when: • CRC error in frame number of SOF(SOFI, FNCERR=1) UPRSMI UDINT.6 UPRSME UDIEN.6 EORSMI UDINT.5 EORSME UDIEN.5 WAKEUPI UDINT.4 WAKEUPE UDIEN.4 EORSTI UDINT.3 EORSTE UDIEN.3 SOFI UDINT.2 SOFE UDIEN.2 SUSPI UDINT.0 SUSPE UDIEN.0 USB Device Interrupt |