データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7450ARMZ データシート(PDF) 20 Page - Analog Devices

部品番号 AD7450ARMZ
部品情報  Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ データシート(HTML) 20 Page - Analog Devices

Back Button AD7450ARMZ Datasheet HTML 14Page - Analog Devices AD7450ARMZ Datasheet HTML 15Page - Analog Devices AD7450ARMZ Datasheet HTML 16Page - Analog Devices AD7450ARMZ Datasheet HTML 17Page - Analog Devices AD7450ARMZ Datasheet HTML 18Page - Analog Devices AD7450ARMZ Datasheet HTML 19Page - Analog Devices AD7450ARMZ Datasheet HTML 20Page - Analog Devices AD7450ARMZ Datasheet HTML 21Page - Analog Devices AD7450ARMZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
–20–
AD7450
EVALUATING THE AD7450 PERFORMANCE
The evaluation board package includes a fully assembled and
tested evaluation board, documentation, and software for
controlling the board from a PC via the Evaluation Board
Controller. The Evaluation Board Controller can be used in
conjunction with the AD7450 evaluation board, as well as many
other Analog Devices evaluation boards ending with the CB
designator, to demonstrate/evaluate the ac and dc performance
of the AD7450.
The software allows the user to perform ac (fast Fourier
Transform) and dc (Histogram of codes) tests on the AD7450.
See the evaluation board technical note for more information.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22