| データシートサーチシステム |
|
5225396-2 データシート(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
5225396-2 データシート(HTML) 2 Page - Tyco Electronics |
|
2 / 34 page ![]() BNC Connectors (50 ohm/75 ohm) Performance Specifications Single Category B Straight Right-Angle Commercial Commercial Commercial PC Commercial Characteristics Crimp O Crimp Solder Solder O Crimp O Crimp Board Solder (MIL Type) (MIL Type) Clamp Clamp & Hex Crimp & Hex Crimp 50 & 75 Ohms 50 Ohm Jacks 50 Ohms 75 Ohms Electrical Impedance, Nom. 50 50 50 50 50 75 50 & 75 50 & 75 (Ohms) Working Voltage 500 500 500 500 500 500 500 500 (Volts RMS) Contact Resistance Inner: 1.5 Inner: 1.5 Inner: 1.5 Inner: 1.5 Inner: 2.0 Inner: 2.0 Inner: 6/1.5 Inner: 2.75 (Milliohms) Outer: 0.3 Outer: 0.2 Outer: .20 Outer: .20 Outer: 1.0 Outer: 2.0 Outer: 3/0.2 Outer: 1.0 Initial Insulation Resistance 5000 5000 5000 5000 5000 5000 5000 5000 (Megohms) Dielectric Withstanding 1500 1500 1500 1500 1500 1500 1500 1500 Voltage (VAC) Corona Level at 70,000 ft. 375 375 375 375 375 375 — 375 (Volts, RMS) RF Leakage, Max. — -55 at -55 at -55 at -55 at -55 at —— (dB) 2-3 GHz 2-3 GHz 2-3 GHz 2-3 GHz 1-2 GHz RF Insertion Loss, — 0.2 at 0.2 at 0.3 at 0.2 at 0.15 at —— Max. (dB) 3 GHz 3 GHz 3 GHz 3 GHz 2 GHz Frequency Range 0-2.5 0-4 0-4 0-4 0-4 0-2 0-4 and 0-4 (GHz) 0-2 VSWR in Frequency 1.35 1.30 1.30 1.35 1.30 1.30 — — Range Max. Mechanical Force to Engage (lbs. [N])/couple, 13.3/11.12 13.3/11.12 13.3/.028 13.3/.028 26.7/26.69 26.7/26.69 —— (in-lbs. [N-M]) max. [3/2.5] [3/2.5] [3/2.5] [3/2.5] [6/6.0] [6/6.0] Coupling Nut Retention, 444.8 444.8 444.8 444.8 266.9 266.9 —— Min. N [lbs.] [100] [100] [100] [100] [60] [60] Cable Retention, 266.9 [60] 266.9 [60] 177.9 [40] 177.9 [40] 266.9 [60] 266.9 [60] 266.9 [60] — N [lbs.] (RG58C/U) (RG58C/U) (RG58C/U) (RG58C/U) (RG58C/U) (RG58C/U) (PCB Ret) Durability (Cycles) 500 500 500 500 500 500 500 500 Jam Nut Mounting Torque, 25 25 25 — 25 25 253/124 25 Max. [N•m] (in. lbs.) [2.8] [2.8] [2.8] [2.8] [2.8] [2.8/1.4] [2.8] Environmental Temperature Range, -65 to +85 -65 to +1651 -65 to +165 -65 to +165 -55 to +85 -55 to +85 -55 to +85 -65 to +165 Operating (C°) -55 to +852 MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-1344 MIL-STD-202 MIL-STD-202 MIL-STD-202 Vibration Method 204 Method 204 Method 204 Method 204 Method 2005 Method 204 Method 204 Cond. B Cond. B Cond. B Cond. B Cond. III Cond. B Method 201A Cond. B MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-1344 MIL-STD-202 MIL-STD-202 MIL-STD-202 Physical Shock Method 213 Method 213 Method 213 Method 213 Method 2004 Method 213 Method 213 Method 213 Cond. G, 50 G’s Cond. G, 50 G’s Cond. G Cond. G Cond. G, 100 G’s Cond. I, 100 G’s Cond. I or A, 50 G’s Cond. I, 100 G’s MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-1344 MIL-STD-202 MIL-STD-202 MIL-STD-202 Thermal Shock Method 1003 Method 107 Method 107 Method 107 Method 107 Cond. A Method 107 Method 107 Method 107 Moisture MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-1344 MIL-STD-202 MIL-STD-202 MIL-STD-202 Method 1002 Resistance Method 106 Method 106 Method 106 Method 106 Type II Method 106 Method 106 Method 106 MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-202 MIL-STD-1344 MIL-STD-202 MIL-STD-202 MIL-STD-202 Salt Spray Method 101 Method 101 Method 101 Method 101 Method 1001 Method 101 Method 101 Method 101 Cond. B Cond. B Cond. B Cond. B Cond. B Cond. B Cond. B Cond. B Product 108-12002 108-12020 — — 108-12044 108-12095 108-12078 108-12079 Specification 108-12047 1 Assembled to cable with polytetrafluorethylene dielectric. 2 Assembled to cable with polyethylene dielectric. 3 For Metal Threads 4 For Polyester Threads 45 Catalog 1307191 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 3-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 RF Coax Connectors |