データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9912A/PCBZ データシート(PDF) 38 Page - Analog Devices

部品番号 AD9912A/PCBZ
部品情報  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9912A/PCBZ データシート(HTML) 38 Page - Analog Devices

Back Button AD9912A/PCBZ Datasheet HTML 32Page - Analog Devices AD9912A/PCBZ Datasheet HTML 33Page - Analog Devices AD9912A/PCBZ Datasheet HTML 34Page - Analog Devices AD9912A/PCBZ Datasheet HTML 35Page - Analog Devices AD9912A/PCBZ Datasheet HTML 36Page - Analog Devices AD9912A/PCBZ Datasheet HTML 37Page - Analog Devices AD9912A/PCBZ Datasheet HTML 38Page - Analog Devices AD9912A/PCBZ Datasheet HTML 39Page - Analog Devices AD9912A/PCBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
AD9912
Rev. F | Page 38 of 40
Register 0x0503—Spur A (Continued)
Table 38.
Bits
Bit Name
Description
[7:0]
Spur A phase
Linear offset for Spur B phase.
Register 0x0504—Spur A (Continued)
Table 39.
Bits
Bit Name
Description
[8]
Spur A phase
Linear offset for Spur A phase.
Register 0x0505—Spur B
Table 40.
Bits
Bit Name
Description
7
HSR-B enable
Harmonic Spur Reduction B enable.
6
Amplitude gain × 2
Setting this bit doubles the gain of the cancelling circuit and also doubles the minimum step size.
[5:4]
Reserved
Reserved.
[3:0]
Spur B harmonic
Spur B Harmonic 1 to Spur B Harmonic 15. Allows user to choose which harmonic to eliminate.
Register 0x0506—Spur B (Continued)
Table 41.
Bits
Bit Name
Description
[7:0]
Spur B magnitude
Linear multiplier for Spur B magnitude.
Register 0x0508—Spur B (Continued)
Table 42.
Bits
Bit Name
Description
[7:0]
Spur B phase
Linear offset for Spur B phase.
Register 0x0509—Spur B (Continued)
Table 43.
Bits
Bit Name
Description
8
Spur B phase
Linear offset for Spur B phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40