| データシートサーチシステム |
|
OP07CSZ データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP07CSZ データシート(HTML) 5 Page - Analog Devices |
|
5 / 16 page ![]() Data Sheet OP07 Rev. G | Page 5 of 16 Parameter Symbol Conditions Min Typ Max Unit OUTPUT CHARACTERISTICS TA = 25°C Output Voltage Swing VO RL ≥ 10 kΩ ±12.0 ±13.0 V RL ≥ 2 kΩ ±11.5 ±12.8 V RL ≥ 1 kΩ ±12.0 V −40°C ≤ TA ≤ +85°C Output Voltage Swing VO RL ≥ 2 kΩ ±12 ±12.6 V DYNAMIC PERFORMANCE TA = 25°C Slew Rate SR RL ≥ 2 kΩ3 0.1 0.3 V/μs Closed-Loop Bandwidth BW AVOL = 15 0.4 0.6 MHz Open-Loop Output Resistance RO VO = 0, IO = 0 60 Ω Power Consumption Pd VS = ±15 V, No load 80 150 mW VS = ±3 V, No load 4 8 mW Offset Adjustment Range RP = 20 kΩ ±4 mV 1 Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. 2 Long-term input offset voltage stability refers to the averaged trend time of VOS vs. the time over extended periods after the first 30 days of operation. Excluding the initial hour of operation, changes in VOS during the first 30 operating days are typically 2.5 μV. Refer to the Typical Performance Characteristics section. Parameter is sample tested. 3 Sample tested. 4 Guaranteed by design. 5 Guaranteed but not tested. |