| データシートサーチシステム |
|
OP193FS データシート(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP193FS データシート(HTML) 8 Page - Analog Devices |
|
8 / 20 page ![]() OP193/OP293 Rev. C | Page 8 of 20 ABSOLUTE MAXIMUM RATINGS Table 5. Parameter Rating Supply Voltage1 ±18 V Input Voltage1 ±18 V Differential Input Voltage1 ±18 V Output Short-Circuit Duration to GND Indefinite Storage Temperature Range −65°C to +150°C Operating Temperature Range −40°C to +125°C Junction Temperature Range −65°C to +150°C Lead Temperature (Soldering, 60 sec) 300°C 1 For supply voltages less than ±18 V, the input voltage is limited to the supply voltage. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 6. Thermal Resistance Package Type θJA1 θJC Unit 8-Lead SOIC_N (S) 158 43 °C/W 1 θJA is specified for the worst-case conditions. θJA is specified for a device soldered in a circuit board for the SOIC package. ESD CAUTION |