| データシートサーチシステム |
|
SRP1270-R47M データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP1270-R47M データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 3312 - 2 mm SMD Trimming Potentiometer SRP1270 Series - Shielded Power Inductors Packaging Specifications EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. DIMENSIONS: MM (INCHES) REV. 12/12 24.0 ± 0.5 (0.95 ± 0.020) 2.0 ± 0.5 (.079 ± .020) 100.0 ± 2.0 (3.94 ± .079) 330.0 (13.00) DIA. 13.5 ± 0.5 (.53 ± .020) DIA. 13.5 ± 0.5 (0.53 ± .020) DIA. 1.5 ± 0.1 (0.059 ± 0.004) 0.15 (0.0006) 2.0 ± 0.1 (0.079 ± 0.004) 4.0 ± 0.1 (0.157 ± 0.004) DIA. DIA. 0.50 ± 0.05 (0.020 ± 0.002) 6.9 ± 0.1 (0.272 ± 0.004) 14.2 ± 0.1 (0.559 ± 0.004) 20.5 ± 0.1 (0.807 ± 0.004) 13.2 ± 0.1 (0.520 ± 0.004) 24.0 ± 0.3 (0.95 ± 0.012) 1.75 ± 0.1 (.069 ± 0.004) 2.7 ± 0.3 (.106 ± 0.012) |