| データシートサーチシステム |
|
LTC1445CS データシート(PDF) 11 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1445CS データシート(HTML) 11 Page - Linear Technology |
|
11 / 14 page ![]() LTC1443/LTC1444/LTC1445 11 144345fe .016 – .050 (0.406 – 1.270) .010 – .020 (0.254 – 0.508) × 45° 0° – 8° TYP .008 – .010 (0.203 – 0.254) 1 N 2 3 4 5 6 7 8 N/2 .150 – .157 (3.810 – 3.988) NOTE 3 16 15 14 13 .386 – .394 (9.804 – 10.008) NOTE 3 .228 – .244 (5.791 – 6.197) 12 11 10 9 S16 REV G 0212 .053 – .069 (1.346 – 1.752) .014 – .019 (0.355 – 0.483) TYP .004 – .010 (0.101 – 0.254) .050 (1.270) BSC .245 MIN N 1 2 3 N/2 .160 ±.005 RECOMMENDED SOLDER PAD LAYOUT .045 ±.005 .050 BSC .030 ±.005 TYP INCHES (MILLIMETERS) NOTE: 1. DIMENSIONS IN 2. DRAWING NOT TO SCALE 3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm) 4. PIN 1 CAN BE BEVEL EDGE OR A DIMPLE S Package 16-Lead Plastic Small Outline (Narrow .150 Inch) (Reference LTC DWG # 05-08-1610 Rev G) N16 REV I 0711 .255 ±.015* (6.477 ±0.381) .770* (19.558) MAX 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 .020 (0.508) MIN .120 (3.048) MIN .130 ±.005 (3.302 ±0.127) .065 (1.651) TYP .045 – .065 (1.143 – 1.651) .018 ±.003 (0.457 ±0.076) .008 – .015 (0.203 – 0.381) .300 – .325 (7.620 – 8.255) .325 +.035 –.015 +0.889 –0.381 8.255 ( ) NOTE: 1. DIMENSIONS ARE INCHES MILLIMETERS *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm) .100 (2.54) BSC N Package 16-Lead PDIP (Narrow .300 Inch) (Reference LTC DWG # 05-08-1510 Rev I) package DescripTion |