データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1296BCSW データシート(PDF) 27 Page - Linear Technology

部品番号 LTC1296BCSW
部品情報  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1296BCSW データシート(HTML) 27 Page - Linear Technology

Back Button LTC1296BCSW Datasheet HTML 20Page - Linear Technology LTC1296BCSW Datasheet HTML 21Page - Linear Technology LTC1296BCSW Datasheet HTML 22Page - Linear Technology LTC1296BCSW Datasheet HTML 23Page - Linear Technology LTC1296BCSW Datasheet HTML 24Page - Linear Technology LTC1296BCSW Datasheet HTML 25Page - Linear Technology LTC1296BCSW Datasheet HTML 26Page - Linear Technology LTC1296BCSW Datasheet HTML 27Page - Linear Technology LTC1296BCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LTC1293/LTC1294/LTC1296
129346fs
PACKAGE DESCRIPTIO Dimensions in inches (millimeters) unless otherwise noted.
0.290 - 0.320
(7.366 - 8.128)
GLASS
SEALANT
0
° – 15°
0.008 – 0.018
(0.203 – 0.457)
0.385
± 0.025
(9.779
± 0.635)
11
3
7
20
16
15
56
10
9
17
14
13
12
1
4
2
19
8
18
0.005
(0.127)
0.025
(0.635)
RAD TYP
0.220 - 0.310
(5.588 - 7.874)
1.060
(26.924)
MAX
0.015 – 0.060
(0.381 – 1.524)
0.160
(4.064)
MAX
0.125
(3.175)
MIN
0.080
(2.032)
MAX
0.014 – 0.026
(0.356 – 0.660)
0.100
± 0.010
(2.540
± 0.254)
0.200
(5.080)
MAX
0.038 – 0.068
(0.965 – 1.727)
J20 12/91
TJMAX
θJA
150
°C80°C/W
N Package
16-Lead Plastic DIP
N16 1291
0.260 ± 0.010
(6.604 ± 0.254)
0.770
(19.558)
16
1
2
3
45
6
7
8
9
10
11
12
13
14
15
0.009 - 0.015
(0.229 - 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130 ± 0.005
(3.302 ± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018 ± 0.003
(0.457 ± 0.076)
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
TJMAX
θJA
110
°C
100
°C/W
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
OBSOLETE PACKAGE
J Package
20-Lead Ceramic DIP
N Package
20-Lead Plastic DIP
TJMAX
θJA
110
°C
100
°C/W
N20 0192
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130 ± 0.005
(3.302 ± 0.127)
0.045 – 0.065
(1.143 – 1.651)
0.018 ± 0.003
(0.457 ± 0.076)
0.065 ± 0.015
(1.651 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
17
16
12
15
14
13
11
18
19
20
1
2
3
45
6
7
89
10
1.040
(26.416)
MAX
0.260 ± 0.010
(6.604 ± 0.254)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com