| データシートサーチシステム |
|
ADF4154BCPZ データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4154BCPZ データシート(HTML) 1 Page - Analog Devices |
|
1 / 24 page ![]() Fractional-N Frequency Synthesizer Data Sheet ADF4154 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2004–2012 Analog Devices, Inc. All rights reserved. FEATURES RF bandwidth to 4 GHz 2.7 V to 3.3 V power supply Separate VP allows extended tuning voltage Programmable dual-modulus prescaler 4/5, 8/9 Programmable charge pump currents 3-wire serial interface Digital lock detect Power-down mode Pin compatible with the ADF4110/ADF4111/ ADF4112/ADF4113, ADF4106, ADF4153 Programmable modulus on fractional-N synthesizer Trade-off noise vs. spurious performance Fast-lock mode with built-in timer Loop filter design possible with ADIsimPLL™ APPLICATIONS Base stations for mobile radio (WiMAX, PHS, GSM, PCS, DCS, CDMA, PMR, W-CDMA, supercell 3G) Wireless handsets (PMR, GSM, PCS, DCS, CDMA, WCDMA) CATV equipment Wireless LANs Communications test equipment GENERAL DESCRIPTION The ADF4154 is a fractional-N frequency synthesizer that implements local oscillators in the up conversion and down conversion sections of wireless receivers and transmitters. It consists of a low noise digital phase frequency detector (PFD), a precision charge pump, and a programmable reference divider. There is a Σ-Δ based fractional interpolator to allow programmable fractional-N division. The INT, FRAC, and MOD registers define an overall N-divider (N = (INT + (FRAC/MOD))). In addition, the 4-bit reference counter (R-counter) allows selectable REFIN frequencies at the PFD input. A complete phase-locked loop (PLL) can be implemented if the synthesizer is used with an external loop filter and a voltage-controlled oscillator (VCO). A key feature of the ADF4154 is the fast-lock mode with a built- in timer. The user can program a predetermined countdown time value so that the PLL remains in wide bandwidth mode, instead of the user having to control this time externally. Control of all on-chip registers is via a simple 3-wire interface. The device operates with a power supply ranging from 2.7 V to 3.3 V and can be powered down when not in use. FUNCTIONAL BLOCK DIAGRAM LOCK DETECT FAST-LOCK SWITCH N COUNTER CP RFCP3 RFCP2 RFCP1 REFERENCE DATA LE 24-BIT DATA REGISTER CLOCK REFIN AVDD AGND VDD VDD DGND RDIV NDIV DGND CPGND DVDD VP SDVDD RSET RFINA RFINB OUTPUT MUX MUXOUT – + HIGH Z PHASE FREQUENCY DETECTOR ADF4154 THIRD ORDER FRACTIONAL INTERPOLATOR MODULUS REG FRACTION REG INTEGER REG CURRENT SETTING ×2 DOUBLER 4-BIT R COUNTER CHARGE PUMP Figure 1. |
同様の部品番号 - ADF4154BCPZ |
|
同様の説明 - ADF4154BCPZ |